PART |
Description |
Maker |
FQPF95N03L |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 57A I(D) | TO-220F 30V LOGIC N-Channel MOSFET 57 A, 30 V, 0.0115 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
FDC855N |
30V Single N-Channel, Logic Level, PowerTrench MOSFET; Package: SSOT-6; No of Pins: 6; Container: Tape & Reel 6100 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-193AA Single N-Channel, Logic Level, PowerTrench㈢ MOSFET 30V, 6.1A, 27mヘ Single N-Channel, Logic Level, PowerTrench? MOSFET 30V, 6.1A, 27mΩ
|
Fairchild Semiconductor, Corp.
|
FQPF45N03L |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 29A I(D) | TO-220F 晶体管| MOSFET的| N沟道| 30V的五(巴西)直|9A条(丁)|20F 30V LOGIC N-Channel MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDC796N FDC796NNL |
30V N-Channel PowerTrench MOSFET Recommend FDC796N_F077 12.5 A, 30 V, 0.009 ohm, N-CHANNEL, Si, POWER, MOSFET 30V N-Channel PowerTrench MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDN372S |
30V N-Channel PowerTrenchSyncFET 2600 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 30V N-Channel PowerTrench SyncFET
|
Fairchild Semiconductor, Corp.
|
STP100NF03L-03 STB100NF03L-03 STB100NF03L-03-01 ST |
N-CHANNEL 30V - 0.0026 W -100A D??AK/I??AK/TO-220 STripFET??II POWER MOSFET N-CHANNEL 30V - 0.0026 OHM -100A D2PAK/I2PAK/TO-220 STRIPFET II POWER MOSFET N-CHANNEL 30V - 0.0026 OHM -100A D2PAK/I2PAK/TO-220 STRIPFET II POWER MOSFET N-CHANNEL 30V - 0.0026 W -100A D?PAK/I?PAK/TO-220 STripFET⑩ II POWER MOSFET N-CHANNEL 30V - 0.0026 W -100A DPAK/IPAK/TO-220 STripFET II POWER MOSFET N-CHANNEL 30V - 0.0026 W -100A D2PAK/I2PAK/TO-220 STripFET II POWER MOSFET N-CHANNEL 30V - 0.0026 W -100A D?PAK/I?PAK/TO-220 STripFETII POWER MOSFET N沟道30V 0.0026欧姆- 100号A D2PAK/I2PAK/TO-220 STRIPFET二功率MOSFET N沟道30V 0.0026的W - 100号A?巴基斯我?PAK/TO-220 STripFET⑩二功率MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
FDMC8296 FDMC829610 |
30V N-Channel Power Trench MOSFET; Package: Power 33 (PQFN); No of Pins: 8; Container: Tape & Reel 12 A, 30 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel Power Trench? MOSFET 30V, 18A, 8.0m
|
Fairchild Semiconductor, Corp.
|
FDU8874 FDD8874 |
N-Channel PowerTrench MOSFET 30V/ 116A N-Channel PowerTrench MOSFET 30V, 116A 35 A, 30 V, 0.0064 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FDB8160 FDB8160-F085 FDB8160F085 |
30V N-Channel PowerTrenchMOSFET N-Channel PowerTrench? MOSFET 30V, 80A, 1.8mΩ
|
Fairchild Semiconductor
|
ZXMP3A16DN8TC ZXMP3A16DN8 ZXMP3A16DN8TA |
DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET 双P沟道增强型MOSFET0V DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET 4200 mA, 30 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
|